Part Number Hot Search : 
GR501 034N03L 02M0R 3PMT64A TPCS8101 GP2A18F UTR4405 ELM408
Product Description
Full Text Search
 

To Download PD1008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE MODULE
FEATURES
* Isolated Base * Dual Diodes Cathode Common and Cascaded Circuit * High Surge Capability * UL Recognized, File No. E187184
100A/800V
PC1008 PD1008
OUTLINE DRAWING
TYPICAL APPLICATIONS
* Rectified For General Use
Maximum Ratings
Parameter
Repetitive Peak Reverse Voltage *1 Non Repetitive Peak Reverse Voltage *1
Approx Net Weight:155g Symbol VRRM VRSM
Type / Grade
PC1008 / PD1008 800 960
Unit
V
Max Rated Value
Parameter
Average Rectified Output Current *1 RMS Forward Current *1 Surge Forward Current *1 I Squared t *1 Operating JunctionTemperature Range Storage Temperature Range Isoration Voltage Case mounting Mounting torque Terminals IO(AV) IF(RMS) IFSM I2t Tjw Tstg Viso Ftor
Conditions
50Hz Half Sine Wave condition Tc=105C 50 Hz Half Sine Wave,1Pulse Non-repetitive 2msec to 10msec
Unit
A A A
100 156 2000
20000 A2s -40 to +150 C -40 to +125 C Base Plate to Terminals, AC1min 2000 V M5 Screw 2.4 to 2.8 N*m M5 Screw 2.4 to 2.8
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current *1 Peak Forward Voltage *1 Thermal Resistance *1 *1: Value Per 1Arm Symbol Test Conditions Max. Unit 20 1.25 0.3 0.2 mA V C/W IRM VRM= VRRM, Tj= 150C VFM IFM= 320A, Tj=25C Rth(j-c) Junction to Case Base Plate to Heat Sink with Thermal Rth(c-f) Compound
PC/PD1008 OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of PD1008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X